PART |
Description |
Maker |
HL01R05S15Y HL01R05S15Y/H HL01R12D05Y HL01R12D05Y/ |
0.4mm contact spacing, 0.9mm stacking height PCB to PCB, PCB to FPC connectors; HRS No: 684-1170-9 00; No. of Positions: 80; Stack Height (mm): 0.9; Operating Temperature Range (degrees C): -35 to 85; General Description: Only Insulation housing 0.4mm contact spacing, 0.9mm stacking height PCB to PCB, PCB to FPC connectors; HRS No: 684-1293-9 00; No. of Positions: 40; Operating Temperature Range (degrees C): -35 to 85; General Description: Only Insulation housing 0.4mm contact spacing, 0.9mm stacking height PCB to PCB, PCB to FPC connectors; HRS No: 684-1274-4 81; Contact Mating Area Plating: Gold 3.3mm contact spacing internal power supply small connectors; HRS No: 676-1011-0 00; No. of Positions: 4; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Double row retainer 模拟IC Analog IC 模拟IC 3.3mm contact spacing internal power supply small connectors; HRS No: 676-1030-5 00; No. of Positions: 6; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Single row retainer
|
SCHURTER AG Electronic Theatre Controls, Inc.
|
801-99-016-66-001 801-99-016-65-001 803-99-016-66- |
PCB connectors 2.54 mm Single row / double row Press-fit PCB connectors 2.54 mm Single row / double row Press-fit 电路板连接器2.54毫米单列/双列
|
PREDIP[Precid-Dip Durtal SA] PRECI-DIP SA
|
C73-016-020-AGGAA CAM-C73 C74-016-020-AGGAA |
Detach Connectors PCB CONNECTOR, SOCKET Detach Connectors PCB CONNECTOR, PLUG
|
MITSUMI ELECTRIC CO., LTD.
|
803-99-016-20-001 801-91-016-20-001 801-91-016-20- |
PCB connectors 2.54 mm Single row / double row Solder tail
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
350-90-116-00-006 450-90-216-00-006 |
PCB connectors 2.54 mm Single row / double row Solder tail
|
Precid-Dip Durtal
|
315-91-116 315-93-116 315-99-116 415-99-216-41-001 |
PCB connectors 2.54 mm Single row / double row Solder tail 电路板连接器2.54毫米单列/双列焊尾
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
851-99-016-30-001 853-99-016-30-002 851-91-016-30- |
PCB connectors 1.27 mm Single row / double row Surface mount 电路板连接器1.27毫米单列/双列表面贴装
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
HLMP-7019-D0010 HLMP-7019-D0012 HLMP-7019-D001S HL |
FPC connectors, 0.5mm contact spacing, 2.55mm of mounting height on PCB, Flip-lock ZIF; HRS No: 586-1848-6 05; Contact Mating Area Plating: Gold FPC connectors, 0.5mm contact spacing, 2.55mm of mounting height on PCB, Flip-lock ZIF; HRS No: 586-1855-1 05; Contact Mating Area Plating: Gold Subminiature High Performance TS AlGaAs Red LED Lamps T-3/4 SINGLE COLOR LED, YELLOW, 1.78 mm T-3/4 SINGLE COLOR LED, RED, 1.78 mm T-3/4 SINGLE COLOR LED, HIGH PERFORMANCE GREEN, 1.78 mm Subminiature LED Lamps 微型发光二极 T-3/4 SINGLE COLOR LED, HIGH EFFICIENCY RED, 1.78 mm T-3/4 SINGLE COLOR LED, STANDARD RED, 1.78 mm T-3/4 SINGLE COLOR LED, EMERALD GREEN, 1.78 mm
|
Agilent Technologies, Inc. Avago Technologies, Ltd. Electronic Theatre Controls, Inc. AGILENT TECHNOLOGIES INC
|
346-87-164-41-036101 |
PCB CONNECTORS
|
Precid-Dip Durtal SA
|
499-87-264-10-003101 |
PCB CONNECTORS
|
Precid-Dip Durtal SA
|
360-10-111-00-001101 |
PCB CONNECTORS
|
Precid-Dip Durtal SA
|